Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGLM-1063 Datasheet (PDF) - Agilent(Hewlett-Packard)

HGLM-1063 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HGLM-1063
Download  HGLM-1063 Download
File Size   203.17 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Fibre Channel GBaud Optical Link Module

HGLM-1063 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGLM-1063 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HGLM-1063
Download  HGLM-1063 Click to download

File Size   203.17 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Fibre Channel GBaud Optical Link Module

HGLM-1063 Datasheet (HTML) - Agilent(Hewlett-Packard)


HGLM-1063 Product details

Description
The HGLM-1063 Gigabaud Optical Link Module, provides a complete Fibre Channel FC-0 layer solution. The module meets the requirements of the 100-M5- SL-I physical link as defined by the American National Standards Institute (ANSI) X3.230-1994 Fibre Channel standard. The HGLM-1063 is also compatible with the Fibre Channel Systems Initiative (FCSI) document #FCSI-301-Rev 1.0 “Gigabaud Optical Link Module” specification.

Features
• ANSI X3.230-1994 Fibre Channel Standard Compatible (FC-0)
• FCSI-301-Rev 1.0 “GBaud Link Module Specification” Compatible
• Standard 20 Bit (1063 MBd), TTL Interface
• Class I Laser Safety Certified
• Single +5.0 V Power Supply

Applications
• Mass Storage System I/O Channel
• Computer System I/O Channel
• High Speed Peripheral Interface




Similar Part No. - HGLM-1063

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGL-1/2-B FESTO-HGL-1/2-B Datasheet
81Kb / 2P
Piloted non return valve
4/11/22
HGL-1/2-NPT FESTO-HGL-1/2-NPT Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
HGL-1/2-QS-12 FESTO-HGL-1/2-QS-12 Datasheet
84Kb / 2P
Piloted non return valve
4/11/22
HGL-1/4-B FESTO-HGL-1/4-B Datasheet
84Kb / 2P
Piloted non return valve
4/11/22
HGL-1/4-NPT FESTO-HGL-1/4-NPT Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
More results


Similar Description - HGLM-1063

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
Fibre Channel Transceiver 1.0625 GBaud
Sep-1998
logo
Richco, Inc.
OFDS-1 RICHCO-OFDS-1 Datasheet
52Kb / 1P
OPTICAL FIBRE DUPLEX SPLITTER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-57F5PZ AVAGO-AFBR-57F5PZ Datasheet
517Kb / 22P
Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
RoHS-Compliant Optical Transceiver for Fibre Channel
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
Fibre Channel Optical Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com