Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet (PDF) - STMicroelectronics

FC106 Datasheet PDF - STMicroelectronics
Part # FC106
Download  FC106 Download
File Size   210.55 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fibre Channel Transceiver 1.0625 GBaud

FC106 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC106 Datasheet PDF - STMicroelectronics

Part # FC106
Download  FC106 Click to download

File Size   210.55 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fibre Channel Transceiver 1.0625 GBaud

FC106 Datasheet (HTML) - STMicroelectronics


FC106 Product details

General Description
The FC106 Fibre Channel transceiver chip implements the lower layer protocols of the ANSI X3.230-1994 Fibre Channel standard. The Fibre Channel standard specifies the mapping of various upper layer protocols (ULP) such as SCSI, IP and HiPPI to a common lower layer protocol, together with appropriate electrical and optical high performance specifications. Fibre Channel provides a channel over which concurrent communication of a variety of ULP’s may exist on a single interconnect between workstations, mainframes and supercomputers, and provides a connection to mass storage devices and other peripherals.

FEATURES
■ Serial Link Transceiver
   ● serializer and deserializer
   ● implementing the Fibre Channel FC0 and FC1 layers
■ Direct support for 1.0625 GBaud Fibre Channel (ANSI X3.230-1994) rates
■ Fibre Channel 10-bit Interface (ANSI TR/X3.18-199X)
■ Direct interfaces to optical tranceivers
■ Plesiochronous mode operation
● transmitter and receiver clock
   frequencies may differ by up to 100 ppm
■ Integrated Fibre Channel 8b/10b
   encode/decode (optional use through JTAG)
■ Byte and word synchronization of incoming serial stream
■ Supports any DC-balanced encoding scheme
■ Internal Loop-Back for Self-Test
■ Random Pattern Auto-Test
■ Optional integrated impedance
   adaptation to transmission line characteristics (50 or 75 ohms)
■ TTL compatible parallel I/O’s
■ JTAG Test Access Port
■ 0.35µ CMOS Technology for low cost and low power
■ PQFP package available in two sizes:
   14x14 mm (FC106/14) or 10x10 mm (FC106/10)

APPLICATIONS
■ Fibre Channel Arbitrated Loop
■ Fibre Channel fabric
■ Transmission schemes encoding
   bytes as 10-bit characters to form a DC-balanced stream
■ High performance backplane interconnect




Similar Part No. - FC106

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC106 SANYO-FC106 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
logo
Amphenol Communications...
FC10600-0 AMPHENOLCS-FC10600-0  Datasheet
166Kb / 1P
Cable assembly with T812 series connector w/o SR
FC10600-S AMPHENOLCS-FC10600-S  Datasheet
169Kb / 1P
Cable assembly with T812 series connector w/SR
logo
Electronic Components L...
FC1066A CLIFF-FC1066A Datasheet
1Mb / 2P
2.5mm, 3.5mm and ¼” (6.35mm) Mono and Stereo Jack Plugs
FC1066D CLIFF-FC1066D Datasheet
1Mb / 2P
2.5mm, 3.5mm and ¼” (6.35mm) Mono and Stereo Jack Plugs
More results


Similar Description - FC106

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1586AR SONY-CXB1586AR Datasheet
307Kb / 18P
10 Bit 1.0625 Gbaud Transceiver
logo
Agilent(Hewlett-Packard...
HGLM-1063 HP-HGLM-1063 Datasheet
203Kb / 10P
Fibre Channel GBaud Optical Link Module
logo
Infineon Technologies A...
V23826-K15-C13 INFINEON-V23826-K15-C13 Datasheet
458Kb / 16P
Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-03-09
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
logo
Vitesse Semiconductor C...
VSC7125 VITESSE-VSC7125 Datasheet
123Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
VSC7126 VITESSE-VSC7126 Datasheet
223Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
logo
Infineon Technologies A...
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com