Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 4 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 4 Page - STMicroelectronics

  FC106 Datasheet HTML 1Page - STMicroelectronics FC106 Datasheet HTML 2Page - STMicroelectronics FC106 Datasheet HTML 3Page - STMicroelectronics FC106 Datasheet HTML 4Page - STMicroelectronics FC106 Datasheet HTML 5Page - STMicroelectronics FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
FC106
Revision 1.2
4/32
September 98
1
General Description
The FC106 Fibre Channel transceiver chip implements the lower layer protocols of the ANSI
X3.230-1994 Fibre Channel standard. The Fibre Channel standard specifies the mapping of
various upper layer protocols (ULP) such as SCSI, IP and HiPPI to a common lower layer
protocol, together with appropriate electrical and optical high performance specifications.
Fibre Channel provides a channel over which concurrent communication of a variety of
ULP’s may exist on a single interconnect between workstations, mainframes and
supercomputers, and provides a connection to mass storage devices and other peripherals.
The FC106 implements the Fibre Channel electrical transceiver physical layer specification
for 1.0625 Gbit/s. At this frequency, the Fibre Channel delivers 100 MByte/s of data
bandwidth over a twin coaxial or twin optical fibre cable. This bandwidth equals or exceeds
most bus bandwidths. The FC106 chip performs the high speed serialization and
deserialization function that makes bus-bandwidth, serial communication possible. This chip
can drive electrical cables directly or it can interface with suitable optical modules. Figure 1.1
shows the different connections.
Figure 1.1
FC106 chip connections
The parallel interface on the FC106 is compatible with the 10-Bit Interface Specification
(ANSI TR/X3.18-1998) which defines a common, standard signaling interface between the
Fibre Channel Physical and Protocol layers. In addition, the FC106 can be used for all other
proprietary serial links transmitting data as 10-bit encoded characters.
The FC106 incorporates an impedance adaptor circuit (set by the pins ZC+, ZC-) to ensure
high quality adaptation to the transmission line characteristic impedance.This feature is
optional and the user can keep external adaptation for compatibility reasons.
FC106
REFCLK (1)
FC106
REFCLK (2)
Fibre
Channel
Controll er
Fibre
Channel
Controller
System 1
System 2
1.0625 Gb/s
Serial Data over copper
or optical cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com