Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 27 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics FC106 Datasheet HTML 28Page - STMicroelectronics FC106 Datasheet HTML 29Page - STMicroelectronics FC106 Datasheet HTML 30Page - STMicroelectronics FC106 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
FC106
Revision 1.2
27/32
September 98
Vdd/TRSTN
18
(I)
pu
Must be tied to Vdd.
Reset pin
for JTAG
EWRAP
19
I
pd
When tied to Vdd, causes the chip to internally
loop serialized transmit data to the deserializer.
Vdd/TMS
20
(I)
pu
Must be tied to Vdd.
Test mode
select for
JTAG
Vss
21
-
-
Ground Pin
REFCLK
22
I
pd
Reference clock frequency 106.25 MHz
Vdd
23
I
-
Power Pin
EN_CDET
24
I
pu
Enables the chip to perform the byte alignment
function when HIGH.
TEST
ENABLE
25
I
pd
Must be tied to GND.
Tie to Vdd
for AT PG
NC/TDO
26
(O)
-
Not connected
JTAG scan
out
NC
27
-
-
Not connected
Vdd/AT
28
(I)
pu
Must be tied to Vdd.
Places the
chip in
auto test
mode
when
LOW.
Vdd
29
-
Power Pin
RBC[1]
30
O
-
Receive byte clock used by the protocol to
register byte 0 and 2 of the receive parallel data.
RBC[0]
31
O
-
Receive byte clock used by the protocol to
register byte 1 and 3 of the receive parallel data.
Vss
32
-
-
Ground Pin
Vss
33
-
-
Ground Pin
RX[9]
34
O
-
Bit 9 of parallel receive data (last bit received)
RX[8]
35
O
-
Bit 8 of parallel receive data
RX[7]
36
O
-
Bit 7 of parallel receive data
Vdd
37
-
-
Power Pin
RX[6]
38
O
-
Bit 6 of parallel receive data
RX[5]
39
O
-
Bit 5 of parallel receive data
RX[4]
40
O
-
Bit 4 of parallel receive data
RX[3]
41
O
-
Bit 3 of parallel receive data
Vdd
42
-
-
Power Pin
Pin Name
Pin #
I/O
pull up/
down
Description in standard running conditions
TEST
pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com