Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 11 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics FC106 Datasheet HTML 10Page - STMicroelectronics FC106 Datasheet HTML 11Page - STMicroelectronics FC106 Datasheet HTML 12Page - STMicroelectronics FC106 Datasheet HTML 13Page - STMicroelectronics FC106 Datasheet HTML 14Page - STMicroelectronics FC106 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
FC106
Revision 1.2
11/32
September 98
example, if the REFCLK used is 106.25 MHz, then the incoming data serial signaling rate
must be 1.0625
± 0.0001 Gb/s.
The FC106 provides 2 TTL recovered clocks RBC[0] and RBC[1], which are both driven at a
frequency of one twentieth of the serial signaling rate. These clocks are generated by the
clock recovery DLL, which is phase locked to the serial data. RBC[1] is 180
° out of phase
with RBC[0]. If serial data is not present, or does not meet the required transition density or
signaling rate, the RBC frequencies will be half of the expected recovered clock frequency
(defined by REFCLK). This function replaces the optional LCK_REF signal that is specified
in the Fibre Channel 10-bit interface. When no data is present, phase adjustments are
required for switching between a locking to incoming data and locking to REFCLK. The
specification on output clocks RBC[0:1] is maintained during these adjustments.The clock
periods are not truncated.
The serial data is retimed and deserialized. Parallel data is loaded into the output register,
and therefore accessible on the output data port. For Fibre Channel use, bytes 1 and 3 of the
receive data word will be accessible on the rising edge of RBC[0], and bytes 0 and 2 on the
rising edge of RBC[1].
Word synchronization is enabled in the FC106 by connecting the EN_CDET pin to Vdd.
When EN_CDET is set high, the FC106 examines serial data for the presence of a positive
disparity comma symbol (0011111). Improper alignment occurs when a comma symbol
straddles a 10-bit boundary or is not aligned within the 10-bit transmission character. Proper
alignment is reached by shifting the boundary of the parallel output.
At power up the FC106 will not be in synchronization and data alignment is not established.
The COM_DET output signal is then set low. When a comma symbol is detected, COM_DET
is set high (if EN_CDET is already set high). COM_DET will go high only during a cycle in
which RBC[1] is rising (see Section 6.2.2:
Receive interface timing on page 23 for precise
timing).
Note that if EN_CDET is set low, but a comma is detected while the input stream is already
word-aligned, COM_DET will be set high again.
3.9
Bit alignment
The alignment block aligns the incoming data bit stream and the reference clocks generated
by the DLL Clock Generator. It compensates for clock frequency dispersions between the
crystals generating the respective reference clocks REFCLK of the transmitting and
receiving chips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com