Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 26 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 22Page - STMicroelectronics FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics FC106 Datasheet HTML 28Page - STMicroelectronics FC106 Datasheet HTML 29Page - STMicroelectronics FC106 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
FC106
Revision 1.2
26/32
September 98
7.2
Pin functions
Table 7.2
Pin functions
TX[0:9]
CMOS
TX[0:9] is the 10-bit parallel transmit data presented to the chip for serial-
ization and transmission onto the media. The order of transmission is TX[0]
through to TX[9].
ZC+1,ZC-*
CMOS
These pins are used to control the input and output impedance in accor-
dance with the configuration outlined in Section 3.13:
I/O impedance con-
trol on page 14.
1.
indicates signals that are not included in the Fibre Channel 10-Bit Interface Specification.
Pin Name
Pin #
I/O
pull up/
down
Description in standard running conditions
TEST
pins
Vss
1
-
-
Ground Pin
TX[0]
2
I
pd
Bit 0 of parallel transmit data (first bit sent)
TX[1]
3
I
pd
Bit 1 of parallel transmit data
TX[2]
4
I
pd
Bit 2 of parallel transmit data
Vdd
5
-
-
Power Pin
TX[3]
6
I
pd
Bit 3 of parallel transmit data
TX[4]
7
I
pd
Bit 4 of parallel transmit data
TX[5]
8
I
pd
Bit 5 of parallel transmit data
TX[6]
9
I
pd
Bit 6 of parallel transmit data
Vdd
10
-
-
Power Pin
TX[7]
11
I
pd
Bit 7 of parallel transmit data
TX[8]
12
I
pd
Bit 8 of parallel transmit data
TX[9]
13
I
pd
Bit 9 of parallel transmit data (last bit sent)
Vss
14
-
-
Ground Pin
Vss/RS
15
(I)
pd
Must be tied to GND during normal operation.
During power up, an internal circuit will
automatically reset the chip. Nevertheless RS
allows a forced reset (when high), during normal
operation.
External
reset
NC/TDI
16
(I)
pd
Not connected
JTAG
scan in
NC/TCK
17
(I)
pd
Not connected
Test clock
pin for
JTAG
Pin
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com