Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 10 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics FC106 Datasheet HTML 10Page - STMicroelectronics FC106 Datasheet HTML 11Page - STMicroelectronics FC106 Datasheet HTML 12Page - STMicroelectronics FC106 Datasheet HTML 13Page - STMicroelectronics FC106 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
FC106
Revision 1.2
10/32
September 98
When EWRAP is high, the output of the transmitter is sent directly to the input of the
receiver.
3.6
Serializer latches and XOR-tree
The parallel data words TX[0:9] are individually sampled using the clocks provided by the
DLL Clock Generator. The outputs of these serializer latches are merged through an
Exclusive-OR tree, in order to generate the output data bit streams.
3.7
Serial input multiplexer
The Input Multiplexer supports the internal loopback of the high speed serial signal for test
purposes.
In normal operation, EWRAP is set low. The serial output data stream is placed at TX+/TX-
outputs, and the serial data accepted at RX+/RX- is transmitted to the deserializer block.
When wrap-mode is activated by setting EWRAP high, the serial data generated by the
serializer block is internally wrapped to the input of the deserializer block.
3.8
Deserializer functional description
The FC106 deserializer operates at signaling rates up to 1.0625 Gb/s, as specified in the
Fibre Channel standard. It extracts the clock and retimes the data from the serial bit stream.
The serial bit stream should be encoded as 10-bit characters (for example the 8B/10B code
for Fibre Channel) which provide a transition density greater than 10%. The retimed serial bit
stream is converted into a 10-bit parallel output word. The FC106 has internal DLL based
clock recovery circuit which requires no external components.
When the DLL of the serializer clock multiplier is locked to the expected data rate (defined by
REFCLK), the retiming acquisition time (to lock to the incoming serial data stream) is less
than 3 microseconds.
The FC106 provides byte and data word alignment using a comma symbol recognition
mechanism.
The 7-bit comma symbol is defined in Fibre Channel specification as a [0:6]= 0011111. This
pattern is only contained within special characters known as K28.1, K28.5 and K28.7
defined specifically for synchronization by Fibre Channel.
Serial data is received on the RX+ and RX- pins. The DLL clock recovery circuit will lock to
the data stream if the clock to be recovered is within 0.01% of the expected data rate. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com