Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 17 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 13Page - STMicroelectronics FC106 Datasheet HTML 14Page - STMicroelectronics FC106 Datasheet HTML 15Page - STMicroelectronics FC106 Datasheet HTML 16Page - STMicroelectronics FC106 Datasheet HTML 17Page - STMicroelectronics FC106 Datasheet HTML 18Page - STMicroelectronics FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics FC106 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
FC106
Revision 1.2
17/32
September 98
5
Electrical Specifications
5.1
Absolute maximum ratings
Table 5.1
Absolute maximum ratings
Note
Stresses greater those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not guaranteed. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. During
overload conditions (VIN>Vdd or VIN<Vss) the voltage on pins with respect to ground
(Vss) must not exceed the values defined by the Absolute Maximum Ratings.
5.2
Operating conditions
Table 5.2
Operating conditions
Symbol
Parameter
Units
Min
Max
Vdd
Supply Voltage
V
0
4
V
INL
Serial signal input low level
V
-0.5
V
INH
Serial signal input high level
ZC+, ZC-
TTL input signals
V
V
V
Vdd+0.5
Vdd+0.5
5.5
T
°C
MAX
Maximum assembly temperature (for
10 seconds maximum)
Storage temperature
°C
°C
-65
260
150
Symbol
Parameter
Units
Min
Typ
Max
Vdd
Supply Voltage
V
3.0
3.3
3.6
Supply Ripple (DC to 3 GHz)
mV
100
T
A
Ambient temperature
°C0
25
70
IDD
Supply current @ 25
°C, 3.3 volts
with parallel outputs loaded by 10pF
mA
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com