Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 21 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 17Page - STMicroelectronics FC106 Datasheet HTML 18Page - STMicroelectronics FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics FC106 Datasheet HTML 21Page - STMicroelectronics FC106 Datasheet HTML 22Page - STMicroelectronics FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
FC106
Revision 1.2
21/32
September 98
6.2
Receive interface timing
6.2.1 Receive clock timing and latency
Figure 6.2
Receive clock timing
Table 6.2
Receive clock timing characteristics
Parameter
Description
Min
Typ
Max
Units
Trbc0
RBC[0] frequency1
1.
Exact frequency of RBC(0,1) depends upon the received data frequency. During byte align-
ment, the frequency of clocks RBC[0] and RBC[1] may vary by less than 1% of the specified
typical value. The clocks are guaranteed to be glitch free.
53.125
MHz
Trbc1
RBC[1] frequency1
53.125
MHz
Trbc_skew
RBC skew
8.9
-
9.9
ns
RBC[0,1] Tr, Tf
Receive clock rise and fall time
(10pF load)
-
2.5
-
ns
RBC[1]
Trbc_skew
RBC[0]
Trbc0
1.4V
1.4V
bit 0 of serial
data
TX+
Trbc1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com