Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 20 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 16Page - STMicroelectronics FC106 Datasheet HTML 17Page - STMicroelectronics FC106 Datasheet HTML 18Page - STMicroelectronics FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics FC106 Datasheet HTML 21Page - STMicroelectronics FC106 Datasheet HTML 22Page - STMicroelectronics FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
FC106
Revision 1.2
20/32
September 98
6
Timing Specifications
All AC measurements are made from the reference voltage level of the clock (1.4 volts), to
the valid input or output data levels.
6.1
Transmit interface timing and latency
Figure 6.1
Transmit interface timing and latency
Table 6.1
Transmit interface timing characteristics
Parameter
Description
Min
Typ
Max
Units
Fref=1/Tref
Reference clock frequency
100
106.25 110
MHz
F
tol
Frequency tolerance (dispersion between
REFCLK of transmitter and receiver chips)
100
-
+ 100
ppm
T
r
REFCLK Clock Rise Time (0.8 to 2V)
0.6
-
2.4
nS
T
f
REFCLK Clock Fall Time (0.8 to 2V)
0.6
-
2.4
nS
CLKJIT
REFCLK Jitter
40
pS
DT
REFCLK duty Cycle
40
-
60
%
Tsu_tx
Data set-up to a rising edge of REFCLK
0
-
-
ns
Th_tx
Data hold after a rising edge of REFCLK
1.5
-
-
ns
TX-Tr,Tf
Parallel data rise and fall time (10 pF load)
0.6
-
3
ns
TELA
Data Emission Latency (delay from the initial
10-bit word load to the serial transmission of bit 0)
-
-
1 REFCLK
cycle + 8 ns
VALID
DATA 3
TX[0:9]
REFCLK
Tsu_tx
Th_tx
Tref
VALID
DATA 1
VALID
DATA 2
1.4V
1.4V
2.0V
0.8V
TX+
bit 0 of parallel in-
put (TX0 of DATA 1)
TELA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com