Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 25 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 21Page - STMicroelectronics FC106 Datasheet HTML 22Page - STMicroelectronics FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics FC106 Datasheet HTML 28Page - STMicroelectronics FC106 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
FC106
Revision 1.2
25/32
September 98
7
FC106 Pin Description
7.1
Pin summary
Table 7.1
Pin summary
Pin
Level
Description
AT*
CMOS
This signal places the chip in a self-test mode when tied low. It should be
tied to Vdd in any other state of the chip, as specified in the 10-Bit Interface
Specification standard.
COM_DET
CMOS
COM_DET is an indication that the data byte (byte 0 of word 0) associated
with the current RBC[1] contains a valid comma symbol.
EN_CDET
CMOS
EN_CDET enables the chip to perform the byte alignment function on
comma symbols. When EN_CDET is high, the byte alignment function is
operational.
When EN_CDET is low, the current byte alignment is maintained.
EWRAP
CMOS
EWRAP causes the chip to internally loop serialized transmit data to the
deserializer. EWRAP is active on high level.
RBC[0]
CMOS
RBC[0] is the 53.125 MHz receive byte clock that the protocol device will
use to register the bytes 1 and 3 of the received data word. This clock may
be stretched during byte alignment (never slivered or truncated).
RBC[1]
CMOS
RBC[1] is the 53.125 MHz receive byte clock that the protocol device will
use to register the bytes 0 and 2 of the received data word. RBC[1] is 180
°
out of phase with RBC[0]. This clock may be stretched during byte align-
ment (never slivered or truncated).
REFCLK
CMOS
REFCLK is the 106.25 MHz reference clock. The frequency tolerance for
this clock should meet ANSI X3.230-1994 Fibre Channel FC-PH specifica-
tions for a Fibre Channel use. See Section 6.1:
Transmit interface timing
and latency on page 20.
RX+, RX-
Special
RX+ and RX- are the differential inputs for serialized data on the receiver.
RX[0:9]
CMOS
RX[0:9] is the 10-bit parallel received data presented by the chip to the
upper layer for further processing. The received data byte 0 containing the
comma symbol will be byte aligned to RBC[1], i.e. byte 0 is in phase with
RBC[1]. The order of reception on the serial input is RX[0] first, followed by
RX[1] through to RX[9].
TCK*,
TRSTN*,
TMS*, TDI*,
TDO*
CMOS
These signals are compliant to the JTAG specification.
TEST
ENABLE*
CMOS
Used during ATPG test, connected at Vss in normal operation.
TX+, TX-
Special
TX+ and TX- are the differential outputs for serialized data on the
transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com