Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 6 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 2Page - STMicroelectronics FC106 Datasheet HTML 3Page - STMicroelectronics FC106 Datasheet HTML 4Page - STMicroelectronics FC106 Datasheet HTML 5Page - STMicroelectronics FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics FC106 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
FC106
Revision 1.2
6/32
September 98
2
Interface Diagram
Figure 2.1
Interface diagram
FC
Protocol
Device
Test
FC106
receiver
TX[0:9]
REFCLK
10
RBC[0:1]
RX[0:9]
10
2
EWRAP
EN_CDET
[106.25 MHz]
COM_DET
transmitter
T
C
K
T
R
S
T
M
S
T
D
I
T
D
O
R
S
A
T
T
E
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com