Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 23 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics FC106 Datasheet HTML 21Page - STMicroelectronics FC106 Datasheet HTML 22Page - STMicroelectronics FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
FC106
Revision 1.2
23/32
September 98
6.2.2 Receive interface timing
Figure 6.4
Receive interface timing
Table 6.4
Receive interface characteristics
Parameter
Description
Min
Typ
Max
Units
Tsu_rx1
Data valid before a rising edge of RBC[1]
3
-
-
ns
Th_rx1
Data valid after a rising edge of RBC[1]
1.5
-
-
ns
Tsu_rx0
Data valid before a rising edge of RBC[0]
3
-
-
ns
Th_rx0
Data valid after a rising edge of RBC[0]
1.5
-
-
ns
Tsu_com
Signal COM_DET valid before a rising edge of
RBC[1]
3
--ns
Th_rx1
Tsu_rx0
Th_rx0
Tsu_rx1
Tsu_com
Th_com
RBC[0]
RBC[1]
RX[0:9]
COM_DET
COMMA
CHARACTER
VALID
DAT A
1.4V
1.4V
0.8V
2.0V
0.8V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com