Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 8 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 4Page - STMicroelectronics FC106 Datasheet HTML 5Page - STMicroelectronics FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics FC106 Datasheet HTML 10Page - STMicroelectronics FC106 Datasheet HTML 11Page - STMicroelectronics FC106 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
FC106
Revision 1.2
8/32
September 98
3.1
Block diagram
Figure 3.1
Block diagram
3.2
Input latches
The transmitter accepts 10-bit wide TTL parallel data at inputs TX[0:9]. The user-provided
reference clock signal REFCLK is also used as the transmit byte clock. The TX[0:9] and
REFCLK signals must be properly aligned, as shown in Section 6.1:
Transmit interface
timing and latency on page 20.
RCB[0:1]
REFCLK
XOR
Tree
JTAG
CONTROL
transmitter
TX+
TX-
RS (*)
AT (*)
TX [0:9]
8b/10b
decoder
DLL clock generator
Clock Recovery
ZC
setting
ENC
DESERIALIZER
SERIALIZER
ENC
TCK(*)
TRSTN(*)
TMS(*)
TDI(*)
TDO(*)
TEST ENABLE(*)
rece iver
ZC+(*)
ZC-(*)
RX-
RX+
8b/10b
encoder
Word
Align-
ment
Bit
Align-
ment
SELF
TEST
(*)Test signals not
included in FCS
10-bit interface
EWRAP
COM_DET
EN_CDET
RX[0:9]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com