Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 30 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics FC106 Datasheet HTML 28Page - STMicroelectronics FC106 Datasheet HTML 29Page - STMicroelectronics FC106 Datasheet HTML 30Page - STMicroelectronics FC106 Datasheet HTML 31Page - STMicroelectronics FC106 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
FC106
Revision 1.2
30/32
September 98
8.2
FC106 64-pin Quad Flat-pack package dimensions
8.2.1 FC106/14: 14x14 mm package dimensions
Figure 8.2
Data for 64-pin 14x14 mm PQFP
DIM
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
-
-
2.35
-
-
0.093
A1
-
0.25
-
-
0.010
A2
1.95
2.00
2.10
0.077
0.079
0.083
b
0.30
0.35
0.40
0.012
0.014
0.016
c
-
-
0.17
-
-
0.067
D
16.95
17.20
17.45
0.667
0.677
0.687
D1
13.90
14.00
14.10
0.547
0.551
0.555
D2
-
12.00
-
-
0.472
-
e
-
0.80
-
-
0.031
-
E
16.95
17.20
17.45
0.667
0.677
0.687
E1
13.90
14.00
14.10
0.547
0.550
0.555
E2
-
12.00
-
-
0.472
-
θ
0
°-7°
L
0.78
0.88
1.03
0.031
0.035
0.041
PQFP64
Body: 14 x 14 x 2.0 mm
Footprint: 3.20 mm
Thermal resistance = 45
°C/W (still air)
A
A2
A1
C
16
17
32
33
48
49
64
D3
D1
D
e
1
K
PQFP64
Seating Plane
0.10mm
E2
E1
E
32
33
17
16
1
64
b
48
A
A2
A1
b
0.1mm
SeatingPlane
c
L
θ
e
PQFP 64
D
49
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com