Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 18 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 14Page - STMicroelectronics FC106 Datasheet HTML 15Page - STMicroelectronics FC106 Datasheet HTML 16Page - STMicroelectronics FC106 Datasheet HTML 17Page - STMicroelectronics FC106 Datasheet HTML 18Page - STMicroelectronics FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics FC106 Datasheet HTML 21Page - STMicroelectronics FC106 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
FC106
Revision 1.2
18/32
September 98
5.3
DC characteristics
The following values apply to the analog signals TX+, TX-, RX+ and RX-
Table 5.3
DC characteristics for TX+, TX-, RX+ and RX-
Note
Values above are given with normal Zc setting. In accordance with Section 3.13, it
is still possible to stay with 50
Ω internal control and connect the part to 75Ω
impedance line by adding 25
Ω series resistances.
Symbol
Parameter
Units
Min.
Typ
Max.
V
OLS50
Serial output low level, terminated differen-
tially by an external 100
Ω resistor
( Zc+ = Zc- = “open” )
V
0.90
1.05
1.20
V
OHS50
Serial output high level, terminated differen-
tially by an external 100
Ω resistor
( Zc+ = Zc- = “open” )
V
1.50
1.80
2.10
V
OLS75
Serial output low level, terminated differen-
tially by an external 150
Ω resistor
( Zc+ = “open” - Zc- = “Vss” )
V
0.90
1.05
1.20
V
OHS75
Serial output high level, terminated differen-
tially by an external 150
Ω resistor
( Zc+ = “open” - Zc- = “Vss” )
V
1.50
1.80
2.10
V
OD50
Serial output peak-to-peak differential volt-
age, terminated differentially by an external
100
Ω resistor ( Zc+ = Zc- = “open” )
V
1.20
1.50
1.80
V
OD75
Serial output peak-to-peak differential volt-
age, terminated differentially by an external
150
Ω resistor ( Zc+ =”open” - Zc- = “Vss” )
V
1.20
1.50
1.80
ROUT50
Internal differential output impedance. When
50
Ω line ( Zc+ = Zc- = “open” )
Ω
77
100
169
ROUT75
Internal differential output impedance. When
75
Ω line ( Zc+ =”open” - Zc- = “Vss” )
Ω
116
150
255
RIN50
Internal differential input impedance. When
enabled for 50
Ω line ( Zc+ = Vss / Zc- =
“open” )
Ω
59
100
183
RIN75
Internal differential output impedance. When
enabled for 75
Ω line ( Zc+ = Zc- = Vss )
Ω
95
150
265
V
ISWS
Serial input peak-to-peak differential voltage
on RX+ and RX-
V0.2
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com