Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 28 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics FC106 Datasheet HTML 28Page - STMicroelectronics FC106 Datasheet HTML 29Page - STMicroelectronics FC106 Datasheet HTML 30Page - STMicroelectronics FC106 Datasheet HTML 31Page - STMicroelectronics FC106 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
FC106
Revision 1.2
28/32
September 98
RX[2]
43
O
-
Bit 2 of parallel receive data
RX[1]
44
O
-
Bit 1 of parallel receive data
RX[0]
45
O
-
Bit 0 of parallel receive data (first bit received).
Vss
46
-
-
Ground Pin
COM_DET
47
O
-
Goes high when detecting a comma symbol.
Data byte associated with RBC[1] contains valid
comma symbol.
ZC-
48
1
pu
Used for impedance adaptation (see
Section 3.13)
ZC+
49
1
pu
Used for impedance adaptation (see
Section 3.13)
Vdd
50
-
-
Power Pin
Vss
51
-
-
Ground Pin
RX-
52
I
-
One of the differential inputs for serialized data
on the receiver. Serial input frequency must be
1.0625
± 0.0001 Gb/s.
Vdd
53
-
-
Power Pin
RX+
54
I
-
One of the differential inputs for serialized data
on the receiver. Serial input frequency must be
1.0625
± 0.0001 Gb/s.
Vdd
55
-
-
Power Pin
Vss
56
-
-
Ground Pin
Vdd
57
-
-
Power Pin
Vss
58
-
-
Ground Pin
Vdd
59
-
-
Power Pin
Vdd
60
-
-
Power Pin
TX-
61
O
-
One of the differential outputs for serialized data
on the transmitter. Serial output rate depends on
REFCLK.
TX+
62
O
-
One of the differential outputs for serialized data
on the transmitter. Serial output rate depends on
REFCLK.
Vdd
63
-
-
Power Pin
NC
64
-
-
Not connected
Pin Name
Pin #
I/O
pull up/
down
Description in standard running conditions
TEST
pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com