Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC106 Datasheet(PDF) 14 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 10Page - STMicroelectronics FC106 Datasheet HTML 11Page - STMicroelectronics FC106 Datasheet HTML 12Page - STMicroelectronics FC106 Datasheet HTML 13Page - STMicroelectronics FC106 Datasheet HTML 14Page - STMicroelectronics FC106 Datasheet HTML 15Page - STMicroelectronics FC106 Datasheet HTML 16Page - STMicroelectronics FC106 Datasheet HTML 17Page - STMicroelectronics FC106 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
FC106
Revision 1.2
14/32
September 98
3.13 I/O impedance control
The ZC block sets the internal RX+/RX- and the TX+/TX- matching impedance. Table 3.1
details the different settings.
Table 3.1
ZC block settings
Case 3 and 4 are identical applications: Case 3 allows better on board compatibility with other
FC parts that request 25
Ω series resistors. Exact value of R
out and Rin are detailed in Section
5.3:
DC characteristics on page 18.
ZC+
ZC-
ADD Rs
+/-1%
ADD Rc
+/-1%
Case 1: 50
Ω line
LINE = 50
External Rc
OPEN
or Vdd
OPEN
or Vdd
0
100
Case 2: 50
Ω line
LINE = 50
No external Rc
Use internal Rc
Vss
OPEN
or Vdd
0
NONE
Case 3: 75
Ω line
LINE = 75
External Rc
OPEN
or Vdd
OPEN
or Vdd
25
150
Case 4: 75
Ω line
LINE = 75
External Rc
OPEN
or Vdd
Vss
0
150
Case 5: 75
Ω line
LINE = 75
No external Rc
Use internal Rc
Vss
Vss
0
NONE
receiver
transmitter
Rs = 0
Rs = 0
receiver
transmitter
Rs = 0
Rs = 0
receiver
transmitter-
Rs = 25
Rs = 25
receiver
transmitter
Rs = 0
Rs = 0
receiver
transmitter
Rs = 0
Rs = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com