Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-2027 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-2027 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-2027
Download  HMMC-2027 Download
File Size   77.68 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description DC-26.5 GHz SPDT GaAs MMIC Switch

HMMC-2027 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-2027 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-2027
Download  HMMC-2027 Click to download

File Size   77.68 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description DC-26.5 GHz SPDT GaAs MMIC Switch

HMMC-2027 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-2027 Product details

Description
The HMMC-2027 is a GaAs monolithic microwave integrated circuit (MMIC) designed for low insertion loss and high isolation from DC to 26.5 GHz. It is intended for use as a general purpose, single-pole, doublethrow (SPDT), absorptive switch. Two series and two shunt MESFETs per throw provide 3 dB maximum insertion loss and 30␣ dB minimum isolation at 26.5␣ GHz.

Features
• Outputs Terminated in 50 Ω When Off
• Frequency Range: DC-26.5 GHz
• Insertion Loss: 2.5dB @ 26.5 GHz
• Isolation:>70 dB @ 45 MHz 30 dB @ 26.5 GHz
• Return Loss:
    15 dB (Both Input and Selected Output)
    12 dB Unselected Output
• Switching Speed: <1 ns (10%-90% RF)
• P-1dB: 18 dBm @ 10 MHz 27 dBm @ 2 GHz
• Harmonics (DC Coupled):
    <-45 dBc @ 10 MHz and 5␣ dBm
    <-65 dBc @ 2 GHz and 5␣ dBm




Similar Part No. - HMMC-2027

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
DC-6 GHz Unterminated SPDT Switch
HMMC-2007 HP-HMMC-2007 Datasheet
79Kb / 6P
DC-8 GHz Terminated SPDT Switch
More results


Similar Description - HMMC-2027

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC240 HITTITE-HMC240 Datasheet
115Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com