Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-5040 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-5040 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-5040
Download  HMMC-5040 Download
File Size   93.64 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20- 40 GHz Amplifier

HMMC-5040 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-5040 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-5040
Download  HMMC-5040 Click to download

File Size   93.64 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20- 40 GHz Amplifier

HMMC-5040 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-5040 Product details

Description
The HMMC-5040 is a high-gain broadband MMIC amplifier designed for both military applications and commercial communication systems. This four stage amplifier has input and output matching circuitry for use in 50␣ ohm environments. It is fabricated using a PHEMT integrated circuit structure that provides exceptional broadband performance. The backside of the chip is both RF and DC ground.

Features
• Large Bandwidth: 20 - 44 GHz Typical 21 - 40 GHz Specified
• High Gain: 22 dB Typical
• Saturated Output Power: 21 dBm Typical
• Supply Bias: ≤ 4.5 volts @≤ 300 mA




Similar Part No. - HMMC-5040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5022 HP-HMMC-5022 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
2 - 50 GHz Distributed Amplifier
HMMC-5026 HP-HMMC-5026 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Similar Description - HMMC-5040

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-40-1806 TELEDYNE-CMA-40-1806 Datasheet
892Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CMA-40-1810 TELEDYNE-CMA-40-1810 Datasheet
890Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2608 TELEDYNE-CMA-40-2608 Datasheet
889Kb / 2P
Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
Power Amplifier 18 GHz - 40 GHz
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
logo
Custom MMIC Design Serv...
CMD166 MMIC-CMD166 Datasheet
241Kb / 9P
20-40 GHz Low Noise Driver Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com