Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAM-82008 Datasheet (PDF) - Agilent(Hewlett-Packard)

IAM-82008 Datasheet PDF - Agilent(Hewlett-Packard)
Part # IAM-82008
Download  IAM-82008 Download
File Size   63.44 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp

IAM-82008 Datasheet (PDF)

Go To PDF Page Download Datasheet
IAM-82008 Datasheet PDF - Agilent(Hewlett-Packard)

Part # IAM-82008
Download  IAM-82008 Click to download

File Size   63.44 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp

IAM-82008 Datasheet (HTML) - Agilent(Hewlett-Packard)




Similar Part No. - IAM-82008

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
More results


Similar Description - IAM-82008

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81028 HP-IAM-81028 Datasheet
57Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Agilent(Hewlett-Packard...
IAM81008 HP-IAM81008 Datasheet
58Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com