Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFD-53010 Datasheet (PDF) - Agilent(Hewlett-Packard)

IFD-53010 Datasheet PDF - Agilent(Hewlett-Packard)
Part # IFD-53010
Download  IFD-53010 Download
File Size   86.37 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 3.5 and 5.5 GHz Divide-by-4 Static Prescalers

IFD-53010 Datasheet (PDF)

Go To PDF Page Download Datasheet
IFD-53010 Datasheet PDF - Agilent(Hewlett-Packard)

Part # IFD-53010
Download  IFD-53010 Click to download

File Size   86.37 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 3.5 and 5.5 GHz Divide-by-4 Static Prescalers

IFD-53010 Datasheet (HTML) - Agilent(Hewlett-Packard)




Similar Part No. - IFD-53010

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD03858 ITF-IFD03858 Datasheet
198Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-09-04
IFD04621 ITF-IFD04621 Datasheet
148Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-28
IFD06003 ITF-IFD06003 Datasheet
179Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-26
IFD08332 ITF-IFD08332 Datasheet
125Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-29
IFD08354 ITF-IFD08354 Datasheet
107Kb / 3P
Ceramic bandpass filter
Rev. AS 2014-09-04
More results


Similar Description - IFD-53010

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2050 UMS-CND2050 Datasheet
83Kb / 9P
0.5-11.5 GHz Divide by 4 Static Prescaler
logo
Hittite Microwave Corpo...
HMC362 HITTITE-HMC362 Datasheet
187Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC426MS8 HITTITE-HMC426MS8 Datasheet
226Kb / 6P
SMT SiGe MMIC DIVIDE-BY-4, DC - 4.0 GHz
logo
NEC
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
5 GHz DIVIDE-BY-4 STATIC PRESCALER
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
3.5 GHz Low Power CMOS Divide-by-4 Prescaler
logo
Hittite Microwave Corpo...
HMC365 HITTITE-HMC365_07 Datasheet
208Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC426MS8 HITTITE-HMC426MS8_08 Datasheet
205Kb / 6P
SMT SiGe MMIC DIVIDE-BY-4, DC - 4 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com