Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC426MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC426MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC426MS8
Download  HMC426MS8 Download
File Size   226.26 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT SiGe MMIC DIVIDE-BY-4, DC - 4.0 GHz

HMC426MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC426MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC426MS8
Download  HMC426MS8 Click to download

File Size   226.26 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT SiGe MMIC DIVIDE-BY-4, DC - 4.0 GHz

HMC426MS8 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC426MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC426MS8 HITTITE-HMC426MS8 Datasheet
205Kb / 6P
SMT SiGe MMIC DIVIDE-BY-4, DC - 4 GHz
HMC426MS8E HITTITE-HMC426MS8E Datasheet
205Kb / 6P
SMT SiGe MMIC DIVIDE-BY-4, DC - 4 GHz
HMC426MS8 HITTITE-HMC426MS8_08 Datasheet
205Kb / 6P
SMT SiGe MMIC DIVIDE-BY-4, DC - 4 GHz
More results


Similar Description - HMC426MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8 Datasheet
267Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC493LP3 HITTITE-HMC493LP3 Datasheet
253Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
HMC362S8G HITTITE-HMC362S8G_06 Datasheet
362Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
HMC433 HITTITE-HMC433_06 Datasheet
309Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC362S8G HITTITE-HMC362S8G_08 Datasheet
240Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
HMC365G8 HITTITE-HMC365G8_10 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365S8G HITTITE-HMC365S8G_08 Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC426MS8 HITTITE-HMC426MS8_08 Datasheet
205Kb / 6P
SMT SiGe MMIC DIVIDE-BY-4, DC - 4 GHz
HMC493LP3 HITTITE-HMC493LP3_08 Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com