Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA2825 Datasheet (PDF) - Agilent(Hewlett-Packard)

LSA2825 Datasheet PDF - Agilent(Hewlett-Packard)
Part # LSA2825
Download  LSA2825 Download
File Size   192.62 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Analog Coaxial Pigtailed Laser Module

LSA2825 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSA2825 Datasheet PDF - Agilent(Hewlett-Packard)

Part # LSA2825
Download  LSA2825 Click to download

File Size   192.62 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Analog Coaxial Pigtailed Laser Module

LSA2825 Datasheet (HTML) - Agilent(Hewlett-Packard)


LSA2825 Product details

Description
The LSAX82X is a compact analog coaxial pigtailed laser transmitter, operating in the 1300 nm wavelength region and coupling light to single mode fiber.

Features
• Compact Coaxial Package
• Strained Multi Quantum Well (SMQW) Laser Chip
• Low Thresholds Current and Operating Currents
• Wide Operating Temperature –40°C to +85°C
• Optical Power May Be Customized up to 2 mW
• Convenient Variety of Pinout and Mounting Flange Options

Applications
• CATV/CCTV
• Return Path Links
• LANS/WANS




Similar Part No. - LSA2825

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSA2B HONEYWELL-LSA2B Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSA2R HONEYWELL-LSA2R Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSA2S HONEYWELL-LSA2S Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results


Similar Description - LSA2825

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
logo
Rochester Electronics
SPL405-015-4P ROCHESTER-SPL405-015-4P Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROCHESTER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com