Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST2425X Datasheet (PDF) - Agilent(Hewlett-Packard)

LST2425X Datasheet PDF - Agilent(Hewlett-Packard)
Part # LST2425X
Download  LST2425X Download
File Size   153.25 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Coaxial Pigtailed Laser Module

LST2425X Datasheet (PDF)

Go To PDF Page Download Datasheet
LST2425X Datasheet PDF - Agilent(Hewlett-Packard)

Part # LST2425X
Download  LST2425X Click to download

File Size   153.25 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Coaxial Pigtailed Laser Module

LST2425X Datasheet (HTML) - Agilent(Hewlett-Packard)


LST2425X Product details

Description
Products in the LST242X family are compact coaxial pigtailed DFB laser transmitters, operating in the 1300 nm wavelength region and coupling light to single mode fiber. They are designed for use in short, medium and long distance networks with bit rates up to 622 Mb/s.

Features
• Compact Coaxial Package
• Strained Multi Quantum Well Distributed Feedback (DFB) Laser Chip
• Low Thresholds Current and Operating Currents
• Wide Operating Temperature -40°C to +85°C
• Excellent Wavelength Stability with Temperature ~0.1 nm/°C
• Narrow Line Width <1 nm @ -20 dB
• Side Mode Suppression Ratio >-30 dB
• Modulation Capability up to 622 Mb/s
• Convenient Variety of Pinout and Mounting Flange Options

Applications
• Telecommunications
• Fiber in the Loop
• Inter/Intra Office
• SONET/SDH
• Datacommunications
• Switches




Similar Part No. - LST2425X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2525-S4-B-DN HP-LST2525-S4-B-DN Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-FP HP-LST2525-S4-B-FP Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-SC HP-LST2525-S4-B-SC Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-SF HP-LST2525-S4-B-SF Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-ST HP-LST2525-S4-B-ST Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
More results


Similar Description - LST2425X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
Analog Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
logo
Rochester Electronics
SPL405-015-4P ROCHESTER-SPL405-015-4P Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROCHESTER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com