Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST2425X Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LST2425X
Description  Coaxial Pigtailed Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LST2425X Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LST2425X Datasheet HTML 1Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 2Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 3Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 4Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 5Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
514
Coaxial Pigtailed Laser Module
Preliminary Technical Data
LST2425X, LST3421X
Features
• Compact Coaxial Package
• Strained Multi Quantum
Well Distributed Feedback
(DFB) Laser Chip
• Low Thresholds Current and
Operating Currents
• Wide Operating Tempera-
ture -40
°C to +85°C
• Excellent Wavelength
Stability with Temperature
~0.1 nm/
°C
• Narrow Line Width
<1 nm @ -20 dB
• Side Mode Suppression
Ratio >-30 dB
• Modulation Capability up to
622 Mb/s
• Convenient Variety of
Pinout and Mounting Flange
Options
Applications
• Telecommunications
• Fiber in the Loop
• Inter/Intra Office
• SONET/SDH
• Datacommunications
• Switches
Description
Products in the LST242X family
are compact coaxial pigtailed
DFB laser transmitters, operating
in the 1300 nm wavelength
region and coupling light to
single mode fiber. They are
designed for use in short,
medium and long distance
networks with bit rates up to
622 Mb/s.
The device features a high
reliability SMQW-DFB laser diode
and rear facet monitor photo-
diode. These are electrically
connected to four pins in an
industry-standard configuration.
Environmental performance is
designed to be compatible with
the requirements of Bellcore’s
TA-NWT-000983 document.
Options within the LST242X
family offer pinouts and pin
rotational orientations designed
to match existing products
available on the market. We also
offer a comprehensive range of
alternative mounting flanges
including a dual in line option.
If the specific arrangement or
performance you require is not
listed, please contact your local
representative as our highly
flexible design and manufacturing
processes allow both physical and
electro-optical customization to
meet your needs.
Preliminary Product Disclaimer
This preliminary data sheet is provided to assist you in the evaluation of engineering samples of the product which is under development
and targeted for release during 1997. Until Hewlett-Packard releases this product for general sales, HP reserves the right to alter prices,
specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
(5/97)


Similar Part No. - LST2425X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2525-S4-B-DN HP-LST2525-S4-B-DN Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-FP HP-LST2525-S4-B-FP Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-SC HP-LST2525-S4-B-SC Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-SF HP-LST2525-S4-B-SF Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
LST2525-S4-B-ST HP-LST2525-S4-B-ST Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
More results

Similar Description - LST2425X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
Analog Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
logo
Rochester Electronics
SPL405-015-4P ROCHESTER-SPL405-015-4P Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROCHESTER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com