Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST0X00 Datasheet (PDF) - Agilent(Hewlett-Packard)

LST0X00 Datasheet PDF - Agilent(Hewlett-Packard)
Part # LST0X00
Download  LST0X00 Download
File Size   179.02 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Connectorized ELEDS

LST0X00 Datasheet (PDF)

Go To PDF Page Download Datasheet
LST0X00 Datasheet PDF - Agilent(Hewlett-Packard)

Part # LST0X00
Download  LST0X00 Click to download

File Size   179.02 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Connectorized ELEDS

LST0X00 Datasheet (HTML) - Agilent(Hewlett-Packard)


LST0X00 Product details

Description
The LST range of products includes a wide variety of connectorized ELED emitters for both single mode and multimode operation. The products have been developed for low cost and wide operating temperature applications such as telecom FITL and datacom FDDI LANS. Variants are available in industry standard connector types with a selection of mounting flange options.

Features
• Industry Standard FC and ST® Connectors
• 1300 nm Wavelength
• Linewidth <110 nm
• High Reliability
• Range of Flange Options
• -40°C to +80°C Operation

Applications
• Optical Data Communication Transmitters
• E-O Convertors
• LANS
• FDDI Networks
• FITL
• Single Mode: LST0400
   Multimode: LST0500




Similar Part No. - LST0X00

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
LST0-M30 PIXART-LST0-M30 Datasheet
1Mb / 15P
Low Power Right Angle Optical Track Sensor
logo
Agilent(Hewlett-Packard...
LST0605-FC-A HP-LST0605-FC-A Datasheet
272Kb / 9P
Single Mode Connectorized Laser Diode (Low Power)
LST0623-SC-A HP-LST0623-SC-A Datasheet
272Kb / 9P
Single Mode Connectorized Laser Diode (Low Power)
LST0625-SC-A HP-LST0625-SC-A Datasheet
272Kb / 9P
Single Mode Connectorized Laser Diode (Low Power)
LST0627-SC-A HP-LST0627-SC-A Datasheet
272Kb / 9P
Single Mode Connectorized Laser Diode (Low Power)
More results


Similar Description - LST0X00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-116SLD-F1 MITSUBISHI-FU-116SLD-F1 Datasheet
60Kb / 3P
SC-CONNECTORIZED MODULE
FU-116SLD-F3M1 MITSUBISHI-FU-116SLD-F3M1 Datasheet
62Kb / 3P
SC-CONNECTORIZED MODULE
FU-17SLD-F1 MITSUBISHI-FU-17SLD-F1 Datasheet
50Kb / 3P
FC-CONNECTORIZED MODULE
FU-17SLD-F3M1 MITSUBISHI-FU-17SLD-F3M1 Datasheet
50Kb / 3P
FC-CONNECTORIZED MODULE
logo
Agilent(Hewlett-Packard...
PDT0X1X HP-PDT0X1X Datasheet
154Kb / 5P
Connectorized PIN Photodiodes
logo
Micronetics, Inc.
8126 MICRONETICS-8126 Datasheet
39Kb / 1P
CONNECTORIZED ATTENUATOR
4031 MICRONETICS-4031 Datasheet
71Kb / 3P
CONNECTORIZED PHASE SHIFTERS
logo
Hittite Microwave Corpo...
C-20 HITTITE-C-20 Datasheet
100Kb / 1P
CONNECTORIZED HERMETIC MODULE
logo
PANDUIT CORP.
D-621-0417-L PANDUIT-D-621-0417-L Datasheet
197Kb / 6P
THREADED CORROSION RESISTANT CONNECTORIZED.
logo
Roithner LaserTechnik G...
FU-17SLD-F3M1 ROITHNER-FU-17SLD-F3M1 Datasheet
54Kb / 3P
FC-CONNECTORIZED MODULE
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com