Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGR2622 Datasheet (PDF) - Agilent(Hewlett-Packard)

RGR2622 Datasheet PDF - Agilent(Hewlett-Packard)
Part # RGR2622
Download  RGR2622 Download
File Size   102.12 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery

RGR2622 Datasheet (PDF)

Go To PDF Page Download Datasheet
RGR2622 Datasheet PDF - Agilent(Hewlett-Packard)

Part # RGR2622
Download  RGR2622 Click to download

File Size   102.12 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery

RGR2622 Datasheet (HTML) - Agilent(Hewlett-Packard)


RGR2622 Product details

Description
The RGR2622 receiver provides optical signal conversion and processing. It converts 1200 nm to 1600 nm wavelength lightwave information into an electrical signal at data rates of 622 Mb/s.

Features
• Light to Logic 20-Pin DIP Receiver Offers ECL Compatibility
• Sensitivity: –31 dBm
• Phase-Locked Loop (PLL) Timing Recovery Circuit
• Meets All SONET Jitter Requirements (CCITT G.958)
• Single +5 V Supply, Typically <1.00 W
• SONET/SDH Compliant

Applications
• Telecommunication Networks
• SONET OC12 and SDH STM4 Compatible
• Local and Metropolitan Area Networks
• ATM Single Mode Public Network
• Military Communications and Control Systems
• Digital Cable TV Networks




Similar Part No. - RGR2622

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RGR0354C-A PANASONIC-RGR0354C-A Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
RGR0354C-B PANASONIC-RGR0354C-B Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
RGR1551-DN HP-RGR1551-DN Datasheet
101Kb / 6P
Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
RGR1551-FP HP-RGR1551-FP Datasheet
101Kb / 6P
Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
More results


Similar Description - RGR2622

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Agilent(Hewlett-Packard...
RCV1551 HP-RCV1551 Datasheet
101Kb / 6P
Fiber Optic ?쏬ight to Logic??Receiver
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
Fiber Optic Receiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com