Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1117E Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H1117E Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H1117E
Download  H1117E Download
File Size   44.91 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR

H1117E Datasheet (PDF)

Go To PDF Page Download Datasheet
H1117E Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H1117E
Download  H1117E Click to download

File Size   44.91 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR

H1117E Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H1117E Product details

General Description
The H1117E is a 1A low-dropout positive voltage regulator. It is available in fixed and adjustable output voltage versions. Over current and thermal protection are integrated onto the chip. Output current will decrease while it reaches the pre-set current or temperature limit. The dropout voltage is specified at 1.2V Maximum at full rated output current. H1117E Series provides excellent regulation over variations due to changes in line, load and temperature. H1117E is three terminal regulator and available in popular packages.

Features
• Low Dropout Voltage 1.2V at 1A
• Adjustable or Fixed Voltage
• Maximum Line Regulation 0.45%
• Maximum Load Regulation 0.4%
• Adjust Pin Current Less Than 90 uA
• Over Current Protection
• Thermal Protection

Applications
• High Efficiency Linear Regulators
• 5V to 3.3V Voltage Converter
• Battery Charger




Similar Part No. - H1117E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1117 ETC-H1117 Datasheet
189Kb / 4P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
1.2A Low Dropout Positive Voltage Regulator
H1117-3.3J HSMC-H1117-3.3J Datasheet
59Kb / 6P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117J HSMC-H1117J Datasheet
59Kb / 6P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117JADJ HSMC-H1117JADJ Datasheet
59Kb / 6P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Similar Description - H1117E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
1A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5J3 CYSTEKEC-LM1117-1.5J3 Datasheet
383Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5M3 CYSTEKEC-LM1117-1.5M3 Datasheet
372Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com