Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1117 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H1117 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H1117
Download  H1117 Download
File Size   162.78 Kbytes
Page   8 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 1.2A Low Dropout Positive Voltage Regulator

H1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
H1117 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H1117
Download  H1117 Click to download

File Size   162.78 Kbytes
Page   8 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 1.2A Low Dropout Positive Voltage Regulator

H1117 Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H1117 Product details

General Description
The H1117 Series are available in fixed and adjustable output voltage versions. Over current and thermal overload protection are integrated onto the chip. Output current will decrease while it reaches the preset current or temperature limit. The dropout voltage is specified at 1.2V Maximum at full rated output current. H1117 Series provide excellent regulation over variations due to changes in line, load and temperature. H1117 Series are three terminal regulators and available in popular packages.

Features
• Low Dropout Voltage 1.2V at 1.2A
• Adjustable or Fixed Voltage (1.8V, 2.5V, 3.3V, 5V)
• Over Current Protection
• Thermal Overload Protection
• Maximum Line Regulation 0.45%
• Maximum Load Regulation 0.4%
• Adjust Pin Current Less Than 90 uA

Applications
• SCSI-2 Active Termination
• High Efficiency Linear Regulators
• 5V to 3.3V Voltage Converter
• Battery Charger
• Battery Management Circuits For Notebook And Palmtop PCs
• Core Voltage Supply: FPGA, PLD, DSP, CPU




Similar Part No. - H1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1117 ETC-H1117 Datasheet
189Kb / 4P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Hi-Sincerity Mocroelect...
H1117-3.3E HSMC-H1117-3.3E Datasheet
44Kb / 4P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117-3.3J HSMC-H1117-3.3J Datasheet
59Kb / 6P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117E HSMC-H1117E Datasheet
44Kb / 4P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117EADJ HSMC-H1117EADJ Datasheet
44Kb / 4P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Similar Description - H1117

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
1.2A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A_07 Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com