Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83052I Datasheet (PDF) - Integrated Device Technology

ICS83052I Datasheet PDF - Integrated Device Technology
Part # ICS83052I
Download  ICS83052I Download
File Size   195.14 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2 1 single-ended multiplexer

ICS83052I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83052I Datasheet PDF - Integrated Device Technology

Part # ICS83052I
Download  ICS83052I Click to download

File Size   195.14 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2 1 single-ended multiplexer

ICS83052I Datasheet (HTML) - Integrated Device Technology


ICS83052I Product details

GENERAL DESCRIPTION
The ICS83052I is a low skew, 2:1, Single-ended Multiplexer. The ICS83052I has two selectable single-ended clock inputs and one single-ended clock output. The output has a VDDO pin which may be set at 3.3V, 2.5V, or 1.8V, making the device ideal for use in voltage trans-lation applications. An output enable pin places the output in a high impedance state which may be useful for testing or debug. The device operates up to 250MHz and is packaged in an 8 TSSOP.

FEATURES
• 2:1 single-ended multiplexer
• Q nominal output impedance: 15Ω (VDDO = 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 2.7ns (maximum), (VDD = VDDO = 3.3V)
• Input skew: 160ps (maximum), (VDD = VDDO = 3.3V)
• Part-to-part skew: 490ps (maximum), (VDD = VDDO = 3.3V)
• Additive phase jitter, RMS at 155.52MHz (12kHz - 20MHz): 0.18ps (typical), (VDD = VDDO = 3.3V)
• Operating supply modes:
    VDD/VDDO
    3.3V/3.3V
    3.3V/2.5V
    3.3V/1.8V
    2.5V/2.5V
    2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - ICS83052I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
More results


Similar Description - ICS83052I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
83052I RENESAS-83052I Datasheet
395Kb / 18P
2:1, Single-Ended Multiplexer
December 15, 2015
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com