Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURS320 Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

MURS320 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # MURS320
Download  MURS320 Download
File Size   299.71 Kbytes
Page   7 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description ULTRAFAST RECTIFIERS

MURS320 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS320 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MURS320
Download  MURS320 Click to download

File Size   299.71 Kbytes
Page   7 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description ULTRAFAST RECTIFIERS

MURS320 Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


MURS320 Product details

Features:
• Ultra-Fast Switching
• High Current Capability
• Low Reverse Leakage Current
• High Surge Current Capability
• Plastic Material has UL Flammability Classification 94V-O
• This is a Pb − Free Device
• All SMC parts are traceable to the wafer lot
• Additional testing can be offered upon request

Applications:
• Switching Power Supply
• Power Switching Circuits
• General Purpose




Similar Part No. - MURS320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
MURS320 DIODES-MURS320 Datasheet
235Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
logo
Vishay Siliconix
MURS320 VISHAY-MURS320 Datasheet
101Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
logo
Rectron Semiconductor
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Frontier Electronics.
MURS320 FRONTIER-MURS320 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Similar Description - MURS320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR10005CT MOTOROLA-MUR10005CT Datasheet
620Kb / 2P
ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
ULTRAFAST RECTIFIERS
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
ULTRAFAST RECTIFIERS
MUR640AX SMC-MUR640AX Datasheet
155Kb / 4P
ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
Ultrafast Rectifiers
logo
New Jersey Semi-Conduct...
MUR405 NJSEMI-MUR405 Datasheet
82Kb / 1P
ULTRAFAST RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com