Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-50 Datasheet (PDF) - Cooper Bussmann, Inc.

FRS-R-50 Datasheet PDF - Cooper Bussmann, Inc.
Part # FRS-R-50
Download  FRS-R-50 Download
File Size   74.41 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Dual-Element, Time-Delay Fuses Class RK5 600 Volt

FRS-R-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FRS-R-50 Datasheet PDF - Cooper Bussmann, Inc.

Part # FRS-R-50
Download  FRS-R-50 Click to download

File Size   74.41 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Dual-Element, Time-Delay Fuses Class RK5 600 Volt

FRS-R-50 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FRS-R-50

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FRS-R-50 EATON-FRS-R-50 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRS-R-50* COOPER-FRS-R-50* Datasheet
339Kb / 3P
Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-500 COOPER-FRS-R-500 Datasheet
258Kb / 3P
Fusetron??600V Class RK5
logo
Eaton All Rights Reserv...
FRS-R-500 EATON-FRS-R-500 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
More results


Similar Description - FRS-R-50

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com