Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-50 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FRS-R-50
Description  Dual-Element, Time-Delay Fuses Class RK5 600 Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-50 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FRS-R-50 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-50 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fusetron®
FRS-R
Dual-Element, Time-Delay Fuses
⁄Ω¡º-60A
Class RK5 – 600 Volt
Form No. FRS-R 1/10-60
Page 2 of 2
Data Sheet: 1017
Bussmann®
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
CURRENT IN AMPERES
300
100
10
1
.1
.01
AMPERE RATING
30
60
PROSPECTIVE SHORT-CIRCUIT CURRENT
SYMMETRICAL RMS AMPERES
400,000
100,000
10,000
1,000
B
A
15
CURRENT IN AMPERES
300
100
10
1
.1
.01
AMPERE
RATING
Current-Limitation Curves
Time-Current Characteristic Curves–Average Melt
7-25-03
A03014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com