Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC10 Datasheet (PDF) - Analog Devices

DAC10 Datasheet PDF - Analog Devices
Part # DAC10
Download  DAC10 Download
File Size   460.14 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)

DAC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC10 Datasheet PDF - Analog Devices

Part # DAC10
Download  DAC10 Click to download

File Size   460.14 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)

DAC10 Datasheet (HTML) - Analog Devices


DAC10 Product details

GENERAL DESCRIPTION
The DAC10 series of 10-bit monolithic multiplying digital-to-analog converters provide high speed performance and full-scale accuracy.
Advanced circuit design achieves 85 ns settling times with very low “glitch” energy and low power consumption. Direct interface to all popular logic families with full noise immunity is provided by the high swing, adjustable threshold logic inputs.
All DAC10 series models guarantee full 10-bit monotonicity, and nonlinearities as tight as +0.05% over the entire operating temperature range are available. Device performance is essentially unchanged over the ± 18 V power supply range, with 85 mW power consumption attainable at lower supplies.
A highly stable, unique trim method is used, which selectively shorts Zener diodes, to provide 1/2 LSB full-scale accuracy without the need for laser trimming.
Single-chip reliability, coupled with low cost and outstanding flexibility, make the DAC10 device an ideal building block for A/D converters, Data Acquisition systems, CRT displays, programmable test equipment and other applications where low power consumption, input/output versatility and long-term stability are required.

FEATURES
   Fast Settling: 85 ns
   Low Full-Scale Drift: 10 ppm/°C
   Nonlinearity to 0.05% Max Over Temperature Range
   Complementary Current Outputs: 0 mA to 4 mA
   Wide Range Multiplying Capability: 1 MHz Bandwidth
   Wide Power Supply Range: +5, –7.5 Min to ±18 V Max
   Direct Interface to TTL, CMOS, ECL, PMOS, NMOS
   Availability in Die Form




Similar Part No. - DAC10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV.D
logo
ETA-USA
DAC10 ETA-USA-DAC10 Datasheet
1Mb / 3P
10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
10W AC/DC Available in Wide range of output VDC
DAC10-12 ETA-USA-DAC10-12 Datasheet
1Mb / 3P
10W AC/DC Available in Wide range of output VDC
More results


Similar Description - DAC10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV.A
DAC10 AD-DAC10 Datasheet
300Kb / 10P
10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV.D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com