Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9634 Datasheet (PDF) - NEC

PS9634 Datasheet PDF - NEC
Part # PS9634
Download  PS9634 Download
File Size   123.41 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER

PS9634 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9634 Datasheet PDF - NEC

Part # PS9634
Download  PS9634 Click to download

File Size   123.41 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER

PS9634 Datasheet (HTML) - NEC


PS9634 Product details

DESCRIPTION
The PS9634 and PS9634L are optical linkage devices mounting a GaAs infrared ray LED on the light emitting side (input side) and a photo diode and a signal processing circuit on the light receiving side (output side) on one chip.
They can directly drive a power transistor of 15 to 20 A class used for such as an inverter control air conditioner or general purpose inverter.
The PS9634L has a surface mount type lead

FEATURES
• High instantaneous common mode rejection voltage
   (CMH = –1 000 V/µs MIN., CML = 1 000 V/µs MIN.)
• High supply voltage (VCC = 18 V)
• High-speed response (tPHL, tPLH = 5 µs MAX.)
• High output current (IO1 = 0.5 A (DC), IO1P = 1.0 A (pulse) )
• Taping product name (PS9634L-E3, E4)

APPLICATIONS
• Inverter control air conditioner
• General purpose inverter




Similar Part No. - PS9634

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9634 CEL-PS9634 Datasheet
69Kb / 8P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
PS9634L CEL-PS9634L Datasheet
69Kb / 8P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
More results


Similar Description - PS9634

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC866 SHARP-PC866 Datasheet
94Kb / 5P
Low Driving Current Type Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC928 SHARP-PC928 Datasheet
137Kb / 10P
Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PC929 SHARP-PC929 Datasheet
95Kb / 6P
Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
logo
Fuji Electric
EXB356 FUJI-EXB356 Datasheet
54Kb / 3P
HYBRID ICS FOR BASE DRIVING OF POWER TRANSISTOR MODULE
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
FN4F4M NEC-FN4F4M Datasheet
327Kb / 22P
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
RESISTOR BUILT-IN TYPE PNP TRANSISTOR
KA4A3Q NEC-KA4A3Q Datasheet
373Kb / 22P
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
California Eastern Labs
PS9634 CEL-PS9634 Datasheet
69Kb / 8P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com