Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC928 Datasheet (PDF) - Sharp Corporation

PC928 Datasheet PDF - Sharp Corporation
Part # PC928
Download  PC928 Download
File Size   137.46 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT

PC928 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC928 Datasheet PDF - Sharp Corporation

Part # PC928
Download  PC928 Click to download

File Size   137.46 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT

PC928 Datasheet (HTML) - Sharp Corporation


PC928 Product details

❈ TÜV ( VDE 0884 ) approved type is also available as an option.

■ Features
1. Built-in IGBT shortcircuit protector circuit
2. Built-in direct drive circuit for IGBT drive
   (Peak output current ... I , I : MAX. 0.4A) O1P O2P
3. High isolation voltage (V : 4 000V ) iso rms
4. Half lead pin pitch (p=1.27 mm) package type
5. Recognized by UL, file NO. E64380

■ Application
1. IGBT control for inverter drive




Similar Part No. - PC928

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC922 SHARP-PC922 Datasheet
86Kb / 6P
High Power OPIC Photocoupler
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results


Similar Description - PC928

ManufacturerPart #DatasheetDescription
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC906 SHARP-PC906 Datasheet
83Kb / 7P
DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
PC929 SHARP-PC929 Datasheet
95Kb / 6P
Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
logo
Powerex Power Semicondu...
M57962K POWEREX-M57962K Datasheet
356Kb / 6P
Hybrid Integrated Circuit For Driving IGBT Modules
logo
Sharp Corporation
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com