Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC928 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 2 Page - Sharp Corporation

  PC928 Datasheet HTML 1Page - Sharp Corporation PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(Ta=Topr unless otherwise specified)
Electro-optical Characteristics (1)
Truth Table
PC928
ON
Low level
High level
High level
High level
Low level
Low level
For protective operation
OFF
Low level
Low level
High level
High level
Low level
High level
MIN.
TYP.
MAX.
Test circuit
Forward voltage
VF1
Ta = 25˚C, IF = 20mA
-
1.2
1.4
V
-
VF2
Ta = 25˚C, IF = 0.2mA
0.6
0.9
-
V
-
Reverse current
IR
Ta = 25˚C, VR =4V
-
-
10
µ A-
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1kHz
-
30
250
pF
-
Operating supply voltage
VCC
Ta = - 10 to 60˚C
15
-
30
V
-
-
15
-
24
V
*8
IO1 = 0.1A, IF = 10mA
-
0.2
0.4
V
(1)
*8
VCC =VO1 = 24V, IO2 = - 0.1A
IF = 10mA
20
22
-
V
(2)
*8
-
1.2
2.0
(3)
Ta = 25˚C, VCC =VO1 = 35V, IF = 0mA *8
-
-
500
(4)
High level supply current
ICCH
*8
Ta = 25˚C, VCC =VO1 = 24V, IF = 10mA
-10
17
mA
(6)
*8
VCC =VO1 = 24V, IF = 10mA
-
-
19
mA
Low level supply current
ICCL
Ta = 25˚C, VCC =VO1 = 24V, IF = 0mA *8
-11
18
mA
VCC =VO1 = 24V, IF = 0mA
*8
-
-
20
mA
IFLH
Ta = 25˚C, VCC =VO1 = 24V
*8
1.0
4.0
7.0
mA
(5)
VCC =VO1 = 24V
*8
0.6
-
10
mA
Isolation resistance
RISO
5x 1010
--
"Low
→High" propagation delay time
tPLH
Ta = 25˚C, VCC =VO1 = 24V
*8
-
1.0
2.0
µ s
(8)
"High
→Low" propagation delay time
tPHL
-
1.0
2.0
µ s
Rise time
tr
-
0.2
0.5
µ s
Fall time
tf
-
0.2
0.5
µ s
Instantaneous common mode rejection
voltage "Output : High level"
CMH
VCM = 600V(peak ),
∆ VO2H = 2.0V *8
Ta = 25˚C, VCC =VO1 = 24V, IF = 10mA
--
V/
µ s
(7)
Instantaneous common mode rejection
voltage "Output : Low level"
CML
Ta = 25˚C, VCC =VO1 = 24V, IF = 0mA
VCM = 600V(peak ),
∆ VO2L = 2.0V *8
--
V/
µ s
*7"Low
→High"
threshold input current
O2 Output
FS Output
C Input/output
Parameter
Symbol
Conditions
Unit
V
µ A
1x 1011
- 1 500
1 500
VO1L
VO2H
VO2L
I O1L
VCC =VO1 = 24V, IO2 = 0.1A, IF = 0mA
RG =47
Ω , CG = 3 000pF, IF = 10mA
Ta = 25˚C, DC500V, 40 to60% RH
VCC1 = 12V, VCC2 = - 12V
O1 low level output voltage
O2 high level output voltage
O2 low level output voltage
O1 leak current
*6 When measuring output and transfer characteristics, connect a bypass capacitor (0.01
µ F or more) between Vcc
and GND
near the device.
*7 I
represents forward current when O output goes from "Low" to "High".
FLH
2
*8 FS=OPEN, V =0V
C
Input
s
s
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com