Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC928 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 4 Page - Sharp Corporation

  PC928 Datasheet HTML 1Page - Sharp Corporation PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PC928
Test Circuit Diagram
VCM waveform
CMH , V O2waveform
CML , V O2waveform
VCM (Peak)
GND
GND
VIN waveform
VOUT waveform
50%
90%
50%
10%
tr
tf
12
3
8
9
10
11
12
13
14
↑ IF
PC928
V
12
3
8
9
10
11
12
13
14
↑ IF
PC928
V
VCC
12
3
8
9
10
11
12
13
14
PC928
V
VCC
IF
variable
12
3
8
9
10
11
12
13
14
PC928
V
VCC
SW
B
A
VCM
+-
12
3
8
9
10
11
12
13
14
PC928
V
VCC
IF
V
RG
VCTH
VOUT
CG
12
3
8
9
10
11
12
13
14
↑ IF
PC928
V
VCC
12
3
8
9
10
11
12
13
14
PC928
VCC
IF
A
ICC
12
3
8
9
10
11
12
13
14
PC928
VCC
IF
A
12
3
8
9
10
11
12
13
14
PC928
V
VCC
IF
RG
CG
VOE
VC
RL
12
3
8
9
10
11
12
13
14
PC928
RG
CG
VCC
VIN
(1)(2)
(3)(4)
(5)(6)
(7)
(8)
(9)(10)
SW at A, I F= 10mA
SW at B, I F= 0mA
tr = tf = 0.01 µ s
Pulse width : 5
µs
Duty ratio=50%
tpLH
tpHL
VO1L
IO1 V
CC1
VCC2
VO2H
VO2L
IO2
VO2
VO2
∆ VO2H
∆ VO2L
VO2H
VO2L
IO1L
IO2
VOUT
CP
s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com