Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC922 Datasheet (PDF) - Sharp Corporation

PC922 Datasheet PDF - Sharp Corporation
Part # PC922
Download  PC922 Download
File Size   86.02 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Power OPIC Photocoupler

PC922 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC922 Datasheet PDF - Sharp Corporation

Part # PC922
Download  PC922 Click to download

File Size   86.02 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Power OPIC Photocoupler

PC922 Datasheet (HTML) - Sharp Corporation


PC922 Product details

■ Features
1. Built-in base amplifier for inverter drive
2. High power
   ( IO1: MAX. 0.5A (DC ) )
   ( IO2P : MAX. 2.0A (pulse ) )
3. High isolation voltage between input
    and output ( Viso : 5 000V rms )
4. High noise reduction type
5. High speed response (tPHL , tPLH : MAX. 5µs)
6. High sensitivity (IFLH : MAX. 3mA )
7. Recognized by UL, file No. E64380
   
■ Applications
1. Inverter controlled air conditioners
2. Small capacitance general purpose inverters
   




Similar Part No. - PC922

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923L0NIP SHARP-PC923L0NIP Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results


Similar Description - PC922

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com