Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC922 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC922
Description  High Power OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC922 Datasheet(HTML) 4 Page - Sharp Corporation

  PC922 Datasheet HTML 1Page - Sharp Corporation PC922 Datasheet HTML 2Page - Sharp Corporation PC922 Datasheet HTML 3Page - Sharp Corporation PC922 Datasheet HTML 4Page - Sharp Corporation PC922 Datasheet HTML 5Page - Sharp Corporation PC922 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC922
0
300
0
25
50
75
100
80
400
600
200
100
500
Ambient Temperature
Ambient temperature T a (˚C)
0
300
0
25
50
75
100
80
600
200
100
500
400
550
Ambient Temperature
Ambient temperature T a (˚C)
25˚C
0˚C
0
1
2
5
10
20
50
100
200
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50˚C
Fig. 10 Forward Current vs. Forward Voltage
T a= 75˚C
- 20˚C
0.7
0.8
0.9
1.2
1.1
1.0
Input Current vs. Supply Voltage
0.6
0.8
1.6
0
25
50
100
-25
75
1.4
1.2
1.0
Ambient temperature T a (˚C)
Fig.11 “ Low
→High ” Relative Threshold
0.01
0.1
1.0
0.02
0.05
0.2
0.5
0.005
0.01
0.02
0.05
0.1
0.2
0.4
Fig.13 O 1 Low Level Output Voltage vs.
O1 Output current I O1 (A)
-20
Forward voltage V F (V)
V CC =6V
IFLH =1
T a = 25˚C
Fig.12 “ Low
→High ” Relative Threshold
Input Current vs. Ambient
Temperature
68
14
410
12
Supply voltage VCC (V)
O 1 Output Current
V CC =6V
IFHL =1
T a = 25˚C
VCC =6V
RL2 =10 Ω
IF = 5mA
T a = 25˚C
Fig. 9-a Power Dissipation vs.
Fig. 9-b Power Dissipation vs.
-20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com