Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV47TA Datasheet (PDF) - Diodes Incorporated

BCV47TA Datasheet PDF - Diodes Incorporated
Part # BCV47TA
Download  BCV47TA Download
File Size   221.02 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN DARLINGTON TRANSISTOR IN SOT23

BCV47TA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCV47TA Datasheet PDF - Diodes Incorporated

Part # BCV47TA
Download  BCV47TA Click to download

File Size   221.02 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN DARLINGTON TRANSISTOR IN SOT23

BCV47TA Datasheet (HTML) - Diodes Incorporated


BCV47TA Product details

Features
• BVCEO > 60V
• Darlington Transistor hFE > 10k @ 100mA for high gain
• IC = 500mA high Continuous Collector Current
• Complementary Darlington PNP Type: BCV46
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)




Similar Part No. - BCV47TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCV47TA DIODES-BCV47TA Datasheet
221Kb / 5P
60V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 4
More results


Similar Description - BCV47TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT634TA DIODES-FMMT634TA Datasheet
296Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 2
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 3
BCV47 DIODES-BCV47_15 Datasheet
221Kb / 5P
60V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 4
BCV46 DIODES-BCV46_15 Datasheet
216Kb / 5P
60V PNP DARLINGTON TRANSISTOR IN SOT23
Rev 4
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
BCV46 DIODES-BCV46 Datasheet
216Kb / 5P
60V PNP DARLINGTON TRANSISTOR IN SOT23
January 2013 Rev. 4 - 2
BCV47Q DIODES-BCV47Q Datasheet
453Kb / 7P
60V NPN DARLINGTON TRANSISTOR IN SOT23
November 2017 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com