Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT634Q Datasheet (PDF) - Diodes Incorporated

FMMT634Q Datasheet PDF - Diodes Incorporated
Part # FMMT634Q
Download  FMMT634Q Download
File Size   612.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN DARLINGTON TRANSISTOR IN SOT23

FMMT634Q Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT634Q Datasheet PDF - Diodes Incorporated

Part # FMMT634Q
Download  FMMT634Q Click to download

File Size   612.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN DARLINGTON TRANSISTOR IN SOT23

FMMT634Q Datasheet (HTML) - Diodes Incorporated


FMMT634Q Product details

Features
BVCEO > 100V
IC = 900mA High Continuous Collector Current
ICM = 5A Peak Pulse Current
625mW Power Dissipation
hFE > 5k up to 2A for High Current Gain Hold up
Complementary PNP Type: FMMT734Q
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The FMMT634Q is suitable for automotive applications
requiring specific change control; it is AEC-Q101 qualified,
PPAP capable, and manufactured in IATF 16949 certified
facilities.

Applications
Automotive
Lamp
Relay
Solenoid Driving




Similar Part No. - FMMT634Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
More results


Similar Description - FMMT634Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT7053 DIODES-FZT7053 Datasheet
131Kb / 5P
100V NPN Darlington transistor in SOT223
Rev 2
FMMT634TA DIODES-FMMT634TA Datasheet
296Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 2
BCV47TA DIODES-BCV47TA Datasheet
221Kb / 5P
60V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 4
FMMT493 DIODES-FMMT493_15 Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 3
BCV47 DIODES-BCV47_15 Datasheet
221Kb / 5P
60V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 4
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
100V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev erse
BCV47Q DIODES-BCV47Q Datasheet
453Kb / 7P
60V NPN DARLINGTON TRANSISTOR IN SOT23
November 2017 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com