Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT7053 Datasheet (PDF) - Diodes Incorporated

FZT7053 Datasheet PDF - Diodes Incorporated
Part # FZT7053
Download  FZT7053 Download
File Size   131.33 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN Darlington transistor in SOT223

FZT7053 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT7053 Datasheet PDF - Diodes Incorporated

Part # FZT7053
Download  FZT7053 Click to download

File Size   131.33 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN Darlington transistor in SOT223

FZT7053 Datasheet (HTML) - Diodes Incorporated


FZT7053 Product details

Features
• BVCEO > 100V
• BVCBO > 100V
• IC = 1.5A High Continuous Current
• hFE > 10k for very High Gain @100mA
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Lamp
• Relay
• Solenoid Driving




Similar Part No. - FZT7053

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT705 ZETEX-FZT705 Datasheet
55Kb / 2P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ISSUE 2 - OCTOBER 1995
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
OCTOBER 1995
logo
List of Unclassifed Man...
FZT705 ETC2-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FZT705TA DIODES-FZT705TA Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
OCTOBER 1995
More results


Similar Description - FZT7053

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25100DG DIODES-ZXTN25100DG Datasheet
338Kb / 8P
100V NPN high gain transistor in SOT223
DECEMBER 2007
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
120V NPN DARLINGTON TRANSISTOR IN SOT223
Rev 5
FMMT634TA DIODES-FMMT634TA Datasheet
296Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 2
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT653 DIODES-FZT653_15 Datasheet
667Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 5
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 3
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com