Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25100DG Datasheet (PDF) - Diodes Incorporated

ZXTN25100DG Datasheet PDF - Diodes Incorporated
Part # ZXTN25100DG
Download  ZXTN25100DG Download
File Size   338.94 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN high gain transistor in SOT223

ZXTN25100DG Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25100DG Datasheet PDF - Diodes Incorporated

Part # ZXTN25100DG
Download  ZXTN25100DG Click to download

File Size   338.94 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN high gain transistor in SOT223

ZXTN25100DG Datasheet (HTML) - Diodes Incorporated


ZXTN25100DG Product details

Features
• BVCEX > 180V
• BVCEO > 100V
• BVECO > 6V
• IC = 3A High Continuous Current
• Low Saturation Voltage VCE(sat) < 100mV @ 1A
• RCE(sat) = 85mΩ
• Complementary PNP Type: ZXTP19100CG
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• PSU Start-Up Circuit
• DC-DC Converters
• Motor Drive
• Relay, Lamp and Solenoid Drive




Similar Part No. - ZXTN25100DG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25100DG ZETEX-ZXTN25100DG Datasheet
331Kb / 8P
100V NPN high gain transistor
ZXTN25100DGTA ZETEX-ZXTN25100DGTA Datasheet
331Kb / 8P
100V NPN high gain transistor
logo
Diodes Incorporated
ZXTN25100DG DIODES-ZXTN25100DG_15 Datasheet
511Kb / 7P
QFZT653
Rev 3
More results


Similar Description - ZXTN25100DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT7053 DIODES-FZT7053 Datasheet
131Kb / 5P
100V NPN Darlington transistor in SOT223
Rev 2
ZXTN19020DG DIODES-ZXTN19020DG Datasheet
350Kb / 8P
20V NPN high gain transistor in SOT223
JANUARY 2008
ZXTN25020DG DIODES-ZXTN25020DG Datasheet
224Kb / 6P
20V NPN high gain transistor in SOT223
JANUARY 2008
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT653 DIODES-FZT653_15 Datasheet
667Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 5
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
ZXTN19020DG DIODES-ZXTN19020DG_15 Datasheet
907Kb / 7P
20V NPN HIGH GAIN TRANSISTOR IN SOT223
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com