Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3820 Datasheet (PDF) - Hynix Semiconductor

GL3820 Datasheet PDF - Hynix Semiconductor
Part # GL3820
Download  GL3820 Download
File Size   27.64 Kbytes
Page   2 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 1 Video Output 75U-1 VPP No Switched

GL3820 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL3820 Datasheet PDF - Hynix Semiconductor

Part # GL3820
Download  GL3820 Click to download

File Size   27.64 Kbytes
Page   2 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 1 Video Output 75U-1 VPP No Switched

GL3820 Datasheet (HTML) - Hynix Semiconductor


GL3820 Product details

Description
This integrated circuit provides all video switching allowing connections between the peri TV plug and video sections in the TV set.

Features
• 1 Video Output 75Ù– 1 VPP No Switched
• 1 Switched Video Output 2 VPP
• Video Cross Talk : 50 dB Typical
• Short Circuit Protection of Inputs and Outputs
• Clamped Video Inputs




Similar Part No. - GL3820

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL382 SHARP-GL382 Datasheet
31Kb / 3P
IrDA-Based SIR System-Conforming Infrared Emitting Diode
More results


Similar Description - GL3820

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
2-INPUT 1-OUTPUT VIDEO SWITCH???
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Rohm
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
2-input, 1-output video signal switcher
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
logo
Maxim Integrated Produc...
MAX4137 MAXIM-MAX4137 Datasheet
109Kb / 12P
1-Input/4-Output Video Distribution Amplifiers
Rev 0; 6/96
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
2-Input 1-Output Video Switch
logo
List of Unclassifed Man...
BA3128N ETC1-BA3128N Datasheet
229Kb / 11P
Audio-switched operational amplifier(2 inputs, 1 output)
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
6-Input 1-Output Video Switch
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com