Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3820 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GL3820
Description  1 Video Output 75U-1 VPP No Switched
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3820 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GL3820 Datasheet HTML 1Page - Hynix Semiconductor GL3820 Datasheet HTML 2Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GL3820
2
Electrical Characteristics : Ta = + 25¡ É
, VCC = 9V (unless otherwise noted)
CHARACTERISTIC
SYMBO
L
MIN
TYP
MAX UNIT
Supply Voltage Range
VCC
8
-
14
V
Supply Current (no load on pin 2 and pin 6)
ICC
-
-
20
mA
Supply Current (with 75
Ω between pin 2-1, with 600Ω between pin 6-1)
ICC
-
40
-
mA
Total Power Dissipation with Load
Ptot
-
450
-
mW
Internal Video Input Swing from PIF (positive video)
-
-
-
4.5
VPP
Internal Video Input Impedance (positive video)
-
50
-
-
k
Ω
External Video input Swing (positive video)
-
-
-
2
VPP
External Video Input Impedance (positive video)
-
50
-
-
k
Ω
Switched Video Output Swing
-
-
-
4.5
VPP
Switched Video Output Dynamic Impedance
-
-
10
Ω
Switched Video DC Output Voltage (sync. Pulse level, note) (600
Ω)
-
105
1.8
2.2
V
Switched Video Band Width (- 1 dB)
-
6
-
-
MHz
Switched Video Output Gain
Pin 6 – Pin 8 (gain with 600
Ω load)
Pin 6 – Pin 3 (gain with 600
Ω load)
-
+ 5
- 1
+6
-0.5
+7
0
DB
External Video Output swing( with 150
Ω load)
-
-
2
2.2
V
External Video Dynamic Output Impedance
-
-
10
-
Ω
External Video DC Output Voltage (sync. Pulse level, note) (150
Ω)
-
1.5
1.8
2.2
V
External Video Output Gain (pin 2 – pin3 gain with 150
Ω load)
-
-1.8
-1
-0.4
dB
Switching Input Unactive Low Level or Unconnected Pin (TV receiving)
-
0
-
3
V
Switching Input Active Level (ext. receiving)
-
7
-
VCC
V
Switching Input Impedance
-
10
-
-
kÙ
Video Rejection between Two Inputs
0 to 5 MHz
1kHz
-
-
-
-50
-50
-
-
-
dB
Differential Group Delay
-
-
15
-
ns
Linearity Distortion
Luma
Chroma
Intermodulation Luma - Chroma
-
-
-
2
2
5
-
-
-
%
Supply Voltage Rejection (1 kHz)
-
40
50
-
dB
Note : Use a video signal with a synchro pulse in order to make the clamp work in a correct way (75
Ω to
the ground and 10ì F in series).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com