Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM6486 Datasheet (PDF) - Hynix Semiconductor

GM6486 Datasheet PDF - Hynix Semiconductor
Part # GM6486
Download  GM6486 Download
File Size   91.02 Kbytes
Page   7 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 33 OUTPUT LED DRIVER

GM6486 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6486 Datasheet PDF - Hynix Semiconductor

Part # GM6486
Download  GM6486 Click to download

File Size   91.02 Kbytes
Page   7 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 33 OUTPUT LED DRIVER

GM6486 Datasheet (HTML) - Hynix Semiconductor


GM6486 Product details

General Description
The GM6486 is a monolithic MOS integrated circuit produced with high voltage CMOS technology. It is available in a 40-pin dual in-line plastic package. A sin-gle pin controls the LED display brightness by setting a reference current through a variable resistor connect-ed to VDD or to a separated supply of 13.2V maximum.

Features
● 33 Output, 15mA Sink Capability
● Current Generator Outputs (No External Resistros Required)
● Continous Brightness Control
● Serial Data Input-Output
● External Load Input
● Cascade operation capability
● Wide supply voltage range
● TTL compatibility

Application
● Microprocessor Displays
● Industrial control Indicator
● Relay Driver
● Instrumentation Readouts




Similar Part No. - GM6486

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM640 3M-GM640 Datasheet
43Kb / 3P
Gripping Material
Oct-2011
GM641 3M-GM641 Datasheet
43Kb / 3P
Gripping Material
Oct-2011
logo
Guilin Strong Micro-Ele...
GM6411 GSME-GM6411 Datasheet
265Kb / 2P
SCHOTTKY DIODE
GM6411 GSME-GM6411 Datasheet
254Kb / 2P
SCHOTTKY DIODE
GM6411 GSME-GM6411_15 Datasheet
254Kb / 2P
SCHOTTKY DIODE
More results


Similar Description - GM6486

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
4206K MAXIM-4206K Datasheet
724Kb / 23P
17- OUTPUT LED DRIVER/GPO
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
150Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
35Watts Single Output LED Driver
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
40Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
50Watts Single Output LED Driver
logo
List of Unclassifed Man...
ML9270-01 ETC2-ML9270-01 Datasheet
232Kb / 13P
33-Segment VFD Driver
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
25W PWM Output LED Driver
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com