Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4206K Datasheet (PDF) - Maxim Integrated Products

4206K Datasheet PDF - Maxim Integrated Products
Part # 4206K
Download  4206K Download
File Size   724.94 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 17- OUTPUT LED DRIVER/GPO

4206K Datasheet (PDF)

Go To PDF Page Download Datasheet
4206K Datasheet PDF - Maxim Integrated Products

Part # 4206K
Download  4206K Click to download

File Size   724.94 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 17- OUTPUT LED DRIVER/GPO

4206K Datasheet (HTML) - Maxim Integrated Products


4206K Product details

General Description

The MAX6964 I2C-compatible serial interfaced peripheral provides microprocessors with 17 output ports. Each output is an open-drain current-sinking output rated at 50mA and 7V. The outputs are capable of driving LEDs, or providing logic outputs with external resistive pullup up to 7V.

Eight-bit PWM current control is also integrated. Four of the bits are global control and apply to all LED outputs to provide coarse adjustment of current from fully off to fully on with 14 intensity steps. Additionally, each output has an individual 4-bit control, which further divides the globally set current into 16 more steps. Alternatively, the current control can be configured as a single 8-bit control that sets all outputs at once.

Each output has independent blink timing with two blink phases. LEDs can be individually set to be either on or off during either blink phase, or to ignore the blink control. The blink period is controlled by an external clock (up to 1kHz) on BLINK or by a register. The BLINK input can also be used as a logic control to turn the LEDs on and off, or as a general-purpose input (GPI)



Features

♦ 400kbps, 2-Wire Serial Interface, 5.5V Tolerant

♦ 2V to 3.6V Operation

♦ Overall 8-Bit PWM LED Intensity Control

   Global 16-Step Intensity Control

   Plus Individual 16-Step Intensity Controls

♦ Two-Phase LED Blinking

♦ High Port Output Current—Each Port 50mA (max)

♦ RST Input Clears the Serial Interface and Restores Power-Up Default State

♦ Supports Hot Insertion

♦ Outputs are 7V-Rated Open Drain

♦ Low Standby Current (1.2µA (typ), 3.3µA (max))

♦ Small 4mm x 4mm, 0.8mm High Thin QFN Package

♦ -40°C to +125°C Temperature Range



Applications

  LCD Backlights

  LED Status Indication

  Keypad Backlights

  RGB LED Drivers



 




Similar Part No. - 4206K

ManufacturerPart #DatasheetDescription
logo
Heyco.
4206 HEYCO-4206 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
Carclo Technical Plasti...
4206 COIL-4206 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
4206 ADAFRUIT-4206 Datasheet
677Kb / 2P
SMT / Solderable Standoff Nuts - M3 x 6mm - 10 pack
4-29-19
logo
CTS Corporation
4206-001 CTS-4206-001 Datasheet
37Kb / 1P
EMI LOW PASS FILTER
20060417 Rev-9
4206-001LF CTS-4206-001LF Datasheet
37Kb / 1P
EMI LOW PASS FILTER
20060417 Rev-9
More results


Similar Description - 4206K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
33 OUTPUT LED DRIVER
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
logo
Maxim Integrated Produc...
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
150Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
35Watts Single Output LED Driver
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
40Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
50Watts Single Output LED Driver
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
25W PWM Output LED Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com