Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM6535 Datasheet (PDF) - Hynix Semiconductor

GM6535 Datasheet PDF - Hynix Semiconductor
Part # GM6535
Download  GM6535 Download
File Size   225.65 Kbytes
Page   23 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 60 MHz Universal Programmable Dual PLL Frequency synthesizer

GM6535 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6535 Datasheet PDF - Hynix Semiconductor

Part # GM6535
Download  GM6535 Click to download

File Size   225.65 Kbytes
Page   23 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 60 MHz Universal Programmable Dual PLL Frequency synthesizer

GM6535 Datasheet (HTML) - Hynix Semiconductor


GM6535 Product details

GENERAL DESCRIPTIONS
The GM6535 is a dual phase – locked loop (PLL) frequency synthesizer especially designed for CT-1 cordless phone applications worldwide. This frequency synthesizer is also for any products with frequency operation at 60 MHz or below.
The device features fully programmable receive, transmit, reference, and auxiliary reference counters accessed through an MCU serial interface, this feature allows this device to operate in any CT-1 cordless phone application.

FEATURES
• Operating Voltage Range: 2.5 to 5.5 V
• Operating Temperature Range:-40 to +75¡ É
• Operating Power Consumption:3.0mA@2.5V
• Maximum Operating Frequency: 60MHz@200mVp-p, VDD=2.5V
• 3 or 4 Pins Used for serial MCU Interface
• Power Saving Mode Controlled by MCU
• Lock Detect Signal
• On-Chip Reference Oscillator Supports External Crystals to 16.0 MHz
• Reference Frequency Counter Division Range: 16 to 4095
• Auxiliary Reference Frequency Counter Division Range: 16 to 16,383
• Transmit Counter Division Range:16 to 65,535
• Receive Counter Division Range: 16 to 65,53




Similar Part No. - GM6535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6010 ETC-GM6010 Datasheet
792Kb / 2P
DIGITAL TV CONTROLLER
GM6015 ETC-GM6015 Datasheet
792Kb / 2P
DIGITAL TV CONTROLLER
logo
3M Electronics
GM613 3M-GM613 Datasheet
43Kb / 3P
Gripping Material
Oct-2011
GM614 3M-GM614 Datasheet
43Kb / 3P
Gripping Material
Oct-2011
logo
List of Unclassifed Man...
GM6155 ETC2-GM6155 Datasheet
108Kb / 8P
150mA LOW - NOISE LDO REGULATOR
More results


Similar Description - GM6535

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
logo
Daewoo Semiconductor
DMD5802 DAEWOO-DMD5802 Datasheet
960Kb / 20P
UNIVERSAL PROGRAMMABLE DUAL PLL
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
STMicroelectronics
ST7162 STMICROELECTRONICS-ST7162 Datasheet
202Kb / 17P
UNIVERSAL PROGRAMMABLE DUAL PLL
Jul-1993
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Motorola, Inc
MC145181 MOTOROLA-MC145181 Datasheet
957Kb / 71P
Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com